PART |
Description |
Maker |
FE200 FLD135 FL200 FL135 FLD200 FE1.5 |
FIXED TEMPERATURE HEAT DETECTOR
|
Gamewell-FCI by Honeywell
|
M02-04-01 B501B-FTXA B501B-FTX FTX-P1 FTX-P1A RA40 |
Intelligent Photoelectric Smoke Detector
|
Systemsensor advanced ideas.
|
RE46C146 |
CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode
|
R & E International, Inc.
|
ILC5061AM2 ILC5061M46X ILC5061M46 ILC5061M44X ILC5 |
Power Supply reset Monitor with 1% Precision Power Supply reset Monitor with 1% Precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 150K 1/8W RESISTOR Voltage Detector (3.1V) Voltage Detector (3.2V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AD8361ARMZ-REEL AD8361ARMZ-REEL7 AD8361-EVAL AD836 |
LF to 2.5 GHz TruPwr?/a> Detector LF to 2.5 GHz TruPwr Detector 2.5 GHz TruPwr™ Detector SPECIALTY ANALOG CIRCUIT, PDSO8 LF to 2.5 GHz TruPwr?Detector
|
Analog Devices, Inc.
|
GLT5640AL16P-5.5TC GLT5640AL16P-6TC GLT5640AL16P-7 |
TUBE, SHR, POL, 063/031, BLK, 017, 600V, 135C, (934872) 4米16个CMOS同步动态随机存储器 TUBING SHRINK BLK IRRAD-PFIN 1/16 ID HEAT SHRINK TUBING, 2.4MM POLYOLEFIN, BLACK TBG H/SHRINK FP 1/16 BLK HEAT SHRINK TUBING 1/8 IN SHRINK TUBING D=12 TUBING, HEAT SHRINK, 0.187 ID UL224 BLK SHRINK TUBING, .093X..046IDX.020, BLK 4M X 16 CMOS Synchronous Dynamic RAM
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
2-OA90A |
Germanium Point Contact Type - Video Detector - FM-AM Detector
|
Panasonic
|
V48SH1R235NNFA |
33.0x22.8x9.5mm (1.30”x0.90”x0.37? ( W/O heat-spreader ) 33.0x22.8x12.7mm (1.30”x0.90”x0.50? ( With heat-spreader )
|
Delta Electronics, Inc.
|
LTC3201 LTC5505-1 LTC5505-1ES5 LTC5505-2 LTC5505-2 |
RF Power Detector with Buffered Output and 40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 300 MHz - 3000 MHz RF/MICROWAVE LINEAR DETECTOR, 18 dBm INPUT POWER-MAX
|
LINER[Linear Technology] Linear Technology, Corp.
|
MIC-3927AE MIC-3927BE MIC-3927CE |
CompactPCI垄莽 Intelligent Chassis Management Module (PICMG垄莽 2.9) CompactPCI? Intelligent Chassis Management Module (PICMG? 2.9)
|
Advantech Co., Ltd. http://
|